|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MABA-007871-CT1A40 Transformer 1:1 transmission line balun 5 to 3000 MHz Features * * * * * * * * Surface Mount 1:1 Impedance Excellent MoCA band performance Excellent amplitude and phase balance Can be used in both 50 and 75 systems 260C Reflow Compatible and lead free RoHS* Compliant Available on Tape and Reel. M/A-COM Products Released, Rev. V3 Schematic Description M/A Com's MABA-007871-CT1A40 is a 1:1 RF Transmission Line step up transformer in a low cost, surface mount package. Ideally suited for MoCA band applications. Case Style: SM-164 Pin Configuration Pin No. 1 2 3 4 6 Function Secondary Dot (Output 1) Not used (Ground) Secondary (Output 2) Primary (Ground) Primary Dot (Input) Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010, except where otherwise stated Ordering Information Part Number MABA-007871-CT1A40 MABA-007871-CT1ATB Description 2000 piece reel Customer Test Board 1 * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. Note: Reference Application Note M513 for reel size information. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MABA-007871-CT1A40 Transformer 1:1 transmission line balun 5 to 3000 MHz Electrical Specifications: TA = 25C, Z0 = 50 Parameter Insertion Loss Test Conditions 5 - 50 MHz 50 - 975 MHz 975 - 1525 MHz 1525 - 2150 MHz 2150 - 3000 MHz 5 - 50 MHz 50 - 975 MHz 975 - 1525 MHz 1525 - 2150 MHz 2150 - 3000 MHz 5 - 50 MHz 50 - 975 MHz 975 - 1525 MHz 1525 - 2150 MHz 2150 - 3000 MHz 5 - 50 MHz 50 - 975 MHz 975 - 1525 MHz 1525 - 2150 MHz 2150 - 3000 MHz Units dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB Min 12 15 13 6 3 Typ 0.35 0.4 0.3 0.65 2.5 28 23 21 12 6 0.45 0.15 0.15 0.38 0.05 6.5 0.1 0.1 3 13 Max 2.50 0.60 1.00 2.30 6.00 3.8 0.7 0.7 0.9 1.6 50 5 4 12 35 M/A-COM Products Released, Rev. V3 Input Return Loss Amplitude Unbalance (Nominal 0dB) Phase Unbalance (Nominal 180) Absolute Maximum Ratings 1,2 Parameter Max Input Power DC current Operating Temperature Storage Temperature Absolute Maximum 250mW 200mA -40C to +85C -40C to +85C 1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits. 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MABA-007871-CT1A40 Transformer 1:1 transmission line balun 5 to 3000 MHz Typical Performance Curves: TA = 25C, Z0 = 50 Insertion Loss 1: through pin 6 to pin 1 1.0 0.5 0.0 -0.5 M/A-COM Products Released, Rev. V3 Insertion Loss 2: coupled pin 6 to pin 3 1.0 0.5 0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 dB -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 5 338 670 1003 1336 1669 2001 2334 2667 3000 dB 5 338 670 1003 1336 1669 2001 2334 2667 3000 Frequency (MHz) Amplitude Balance 2.0 1.5 Frequency (MHz) Phase Balance 200 195 190 D eg rees 1.0 0.5 185 180 175 170 165 160 5 338 670 1003 1336 1669 2001 2334 2667 3000 dB 0.0 -0.5 -1.0 -1.5 -2.0 5 338 670 1003 1336 1669 2001 2334 2667 3000 Frequency (MHz) Input Return Loss 0 -5 -10 Frequency (MHz) dB -15 -20 -25 -30 -35 5 338 670 1003 1336 1669 2001 2334 2667 3000 3 Frequency (MHz) ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of MABA-007871-CT1A40 |